Part Number Hot Search : 
AAMDB LTC2950 SKY77318 C1212 AM03P VNB14N 1H330 06000
Product Description
Full Text Search
 

To Download CD104NP-180MB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  type: cd104 please refer to the sales offices on our website fo r a representative near you www.sumida.com 1/2 power inductors product description ? 10.3 9.3mm max.(l w),4.5mm max. height. ? inductance range: 10 560 h. ? rated current range: 0.32 2.38a. ? in addition to the standard versions of inductors s hown here, custom inductors are available to meet your exact r equirements. feature ? magnetically unshielded construction. ? storage temperature range: -40 +100 . ? operating temperature range: -40 +100 (including coils self temperature rise). ? ideally used in pda,mp3,dsc/dvc,hdd,portable dvd,et c as dc-dc converter inductors. ? rohs compliance and halogen free. dimensions (mm) land pattern (mm) 9.00.3 4.00.5 9.0 1 0 . 0 1 0 . 0 0 . 3 2 . 1 9.5 r1.0 2 . 5 1 0 . 0 part of electrode part of silk
type: cd104 please refer to the sales offices on our website fo r a representative near you www.sumida.com 2/2 power inductors specification part name stamp inductance ( h ) 1 d.c.r (m ) [max.] (typ.) (at 20 ) rated current (a) 2 s.r.f. (mhz) (typ.) cd104np-100m 100m 10 20% 53(40.8) 2.38 29.9 cd104np-120m 120m 12 20% 61(46.4) 2.13 29.7 cd104np-150m 150m 15 20% 70(53.9) 1.87 25.1 cd104np-180m 180m 18 20% 81(62.2) 1.73 23.0 cd104np-220m 220m 22 20% 88(67.4) 1.60 20.0 cd104np-270m 270m 27 20% 100(77.2) 1.44 18.5 cd104np-330m 330m 33 20% 120(92.0) 1.26 16.9 cd104np-390m 390m 39 20% 151(116.1) 1.20 14.9 cd104np-470m 470m 47 20% 170(130.6) 1.10 13.8 cd104np-560k 560k 56 10% 199(152.7) 1.01 12.6 cd104np-680k 680k 68 10% 223(171.6) 0.91 10.4 cd104np-820k 820k 82 10% 252(194.1) 0.85 10.0 cd104np-101k 101k 100 10% 344(264.9) 0.74 9.42 cd104np-121k 121k 120 10% 396(304.7) 0.69 8.74 cd104np-151k 151k 150 10% 544(418.1) 0.61 7.29 cd104np-181k 181k 180 10% 621(477.7) 0.56 6.53 cd104np-221k 221k 220 10% 721(554.5) 0.53 5.85 cd104np-271k 271k 270 10% 949(730.3) 0.45 5.51 cd104np-331k 331k 330 10% 1100(845.8) 0.42 4.91 cd104np-391k 391k 390 10% 1245(957.5) 0.38 4.32 cd104np-471k 471k 470 10% 1526(1220.6) 0.35 4.06 cd104np-561k 561k 560 10% 1904(1522.9) 0.32 3.55 description of part name cd104np-100m 1: measuring frequency: 10 h 82 h at 2.52 mhz 100 h 560 h at 1 khz 2: rated current: the dc current at which the induc tance decreases to 90 % of its initial value or when t 40 , whichever is lower(ta=20 ). b: box c: carrier tape


▲Up To Search▲   

 
Price & Availability of CD104NP-180MB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X